PART |
Description |
Maker |
IRG4BC40WS IRG4BC40WL |
600V Warp 60-150 kHz Discrete IGBT in a TO-262 package 600V Warp 60-150 kHz Discrete IGBT in a D2Pak package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRG4BC40F |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISOR(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A) 绝缘栅双TRANSISOR(VCES和\u003d 600V电压的Vce(on)典\u003d 1.50V,@和VGE \u003d 15V的,集成电路\u003d 27A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRG4BC20KS IRG4BC20K-S |
600V UltraFast 8-25 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.27V, @Vge=15V, Ic=9.0A)
|
IRF[International Rectifier]
|
IRG4PC30K IRG4PC30KPBF |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
IRG4PC30U IRG4PC30UPBF |
600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.95V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4BC20WS IRG4BC20W-S IRG4BC20W-STRR IRG4BC20W-ST |
600V Warp 60-150 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.16V, @Vge=15V, Ic=6.5A) TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 13A I(C) | TO-263AB
|
IRF[International Rectifier]
|
IRG4BC30W |
600V Warp 60-150 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.70V, @Vge=15V, Ic=12A)
|
IRF[International Rectifier]
|
IRG4PC50W IRG4PC50WPBF |
600V Warp 60-150 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
IRG4BC20FD-S IRG4BC20FD-STRL |
600V Fast 1-8 kHz Discrete IGBT in a D2-Pak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.66V, @Vge=15V, Ic=9.0A) 绝缘栅双极型晶体管,超快软恢复二极管VCES和\u003d 600V电压的Vce(on)典\u003d 1.66V,@和VGE \u003d 15V的,集成电路\u003d 9.0,9.0 CAP 0.01UF 25V 10% X7R SMD-0508 TR-7 PLATED-NI/SN 绝缘栅双极型晶体管,超快软恢复二极管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.66V,@和VGE \u003d 15V的,集成电路\u003d 9.0,9.0
|
IRF[International Rectifier] International Rectifier, Corp.
|
8ETH06 8ETH06-1 8ETH06F 8ETH06FP 8ETH06S |
600V 8A HyperFast Discrete Diode in a D2-Pak (UltraFast) package 600V 8A Hyperfast Discrete Diode in a TO-220 FullPack package 600V 8A HyperFast Discrete Diode in a TO-262 package Hyperfast Rectifier
|
IRF[International Rectifier]
|
HFA35HB60SCS |
600V 22A Hi-Rel Ultra-Fast Discrete Diode in a TO-254AA package
|
International Rectifier
|